Part Number Hot Search : 
33S10BFI 00LR70Y0 DZ11B MCJ33A MAX3223E 2SD1709 HC164 HPM349
Product Description
Full Text Search
 

To Download APT2012CGCK Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2.0x1.25mm SMD CHIP LED LAMP
Part Number: APT2012CGCK Green
Features
2.0mmx1.25mm SMT LED,0.75mm THICKNESS. LOW POWER CONSUMPTION. WIDE VIEWING ANGLE. IDEAL FOR BACKLIGHT AND INDICATOR. VARIOUS COLORS AND LENS TYPES AVAILABLE. PACKAGE : 2000PCS / REEL. MOISTURE SENSITIVITY LEVEL : LEVEL 3. RoHS COMPLIANT.
Description
The Green source color devices are made with InGaAlP on GaAs substrate Light Emitting Diode.
Package Dimensions
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.1(0.004") unless otherwise noted. 3. Specifications are subject to change without notice. 4. The device has a single mounting surface. The device must be mounted according to the specifications.
SPEC NO: DSAA6057 APPROVED: WYNEC
REV NO: V.9 CHECKED: Allen Liu
DATE: MAY/05/2007 DRAWN: Y.L.LI
PAGE: 1 OF 5 ERP: 1203001794
Selection Guide
Part No. Dice Lens Type Iv (mcd) [2] @ 20mA Min. APT2012CGCK Green (InGaAlP) WATER CLEAR 10 Typ. 40 Viewing Angle [1] 21/2 120
Notes: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value. 2. Luminous intensity/ luminous Flux: +/-15%.
Electrical / Optical Characteristics at TA=25C
Symbol peak D [1] 1/2 C VF [2] IR Parameter Peak Wavelength Dominant Wavelength Spectral Line Half-width Capacitance Forward Voltage Reverse Current Device Green Green Green Green Green Green Typ. 574 570 20 15 2.1 2.5 10 Max. Units nm nm nm pF V uA Test Conditions IF=20mA IF=20mA IF=20mA VF=0V;f=1MHz IF=20mA VR=5V
Notes: 1.Wavelength: +/-1nm. 2. Forward Voltage: +/-0.1V.
Absolute Maximum Ratings at TA=25C
Parameter Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating Temperature Storage Temperature
Note: 1. 1/10 Duty Cycle, 0.1ms Pulse Width.
Green 75 30 150 5 -40C To +85C -40C To +85C
Units mW mA mA V
SPEC NO: DSAA6057 APPROVED: WYNEC
REV NO: V.9 CHECKED: Allen Liu
DATE: MAY/05/2007 DRAWN: Y.L.LI
PAGE: 2 OF 5 ERP: 1203001794
Green
APT2012CGCK
SPEC NO: DSAA6057 APPROVED: WYNEC
REV NO: V.9 CHECKED: Allen Liu
DATE: MAY/05/2007 DRAWN: Y.L.LI
PAGE: 3 OF 5 ERP: 1203001794
APT2012CGCK
Recommended Soldering Pattern (Units : mm; Tolerance: 0.1)
Tape Specifications (Units : mm)
SPEC NO: DSAA6057 APPROVED: WYNEC
REV NO: V.9 CHECKED: Allen Liu
DATE: MAY/05/2007 DRAWN: Y.L.LI
PAGE: 4 OF 5 ERP: 1203001794
PACKING & LABEL SPECIFICATIONS
APT2012CGCK
SPEC NO: DSAA6057 APPROVED: WYNEC
REV NO: V.9 CHECKED: Allen Liu
DATE: MAY/05/2007 DRAWN: Y.L.LI
PAGE: 5 OF 5 ERP: 1203001794


▲Up To Search▲   

 
Price & Availability of APT2012CGCK

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X